Part Number Hot Search : 
00G10Y0 PA190 MOC3052 FQP6N50 SM5623NF 1605000 TS1872 30402
Product Description
Full Text Search
 

To Download 1020050000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | terminals | screwing technology | w-series modular terminals | modular feed-through terminals | w- standard | 2,5 mm2 - 1 - general ordering data order no. 1020000000 part designation wdu 2.5 version feed-through terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 ean 4008190099633 qty. 100 pc(s). product notes note, ordering data rated voltage 400v when using cross-connection zqv. see section "w-series accessories" for colours available. note, technical data 2.5 mm2 conductor with wire end ferrule plus plastic collar only with collar optimised for diameter (order no. 1333100000, 500 pcs) product description their small size compared to the respective rated cross-section makes the modular terminals with the compact design very popular. note, accessories socket and test plug, see section "w series accessories". ensure 2.5 mm2 max. when using the wqb. shielding rail ls 2.8 1056400000. pt okiecex/atex rating data eu-type examination certificate kema98atex1683u download, german kema98atex1683u_d.pdf download english kema98atex1683u_e.pdf iecex certificate of conformity iecexuld05.0008u download iecexuld05.0008u_e.pdf atex voltage 550 v atex current 21 a atex conductor cross-section 2.5 mm2 iecex voltage 550 v iecex current 20 a iecex conductor cross-section 2.5 mm2 voltage when using cross-connections crossconnectionguide.pdf
product catalogue | terminals | screwing technology | w-series modular terminals | modular feed-through terminals | w- standard | 2,5 mm2 - 2 - pt okiecex/atex rating data operating temperature range for operating temperature range see ec design test certificate / iec ex-certificate of conformity marking en 60079-7 ex e ii marking atex directive 94/9/ec ex ii 2 g d 2 clampable conductors (h05v/h07v) with equal cross-section (rated connection) solid, min. 0.5 mm2 solid, max. 1.5 mm2 flexible, min. 0.5 mm2 flexible, max. 1.5 mm2 flexible with ferrule, min. (din 46228 pt 1) 0.5 mm2 flexible with ferrule, max. (din 46228 pt 1) 1.5 mm2 additional technical data colour of insulating material dark beige connection direction on side end plate required yes explosion-tested version "ex e" yes installation advice ts 35 insulating material wemid levels cross-connected internally no no. of identical terminals 1 no. of levels 1 no. of terminal strips per level 2 open sides right operating temperature range - 50 c, + 120 c product family w-series type of connection screwed type of mounting snap-on ul 94 flammability rating of insulation material v-0 version feed-through terminal csa rating data voltage (csa) 600 v csa current 20 a min. cross-section (csa) awg 26 max. cross-section (csa) awg 12 conductors for clamping (rated connection) clamping range, min. 0.05 mm2 clamping range, max. 4 mm2 type of connection screw connection 2nd type of connection screwed connection direction on side no. of connections 2 stripping length 10 mm clamping screw m 2.5 blade size 0.6 x 3.5 mm tightening torque range 0.4...0.8 nm torque level with dms electric screwdriver 1
product catalogue | terminals | screwing technology | w-series modular terminals | modular feed-through terminals | w- standard | 2,5 mm2 - 3 - conductors for clamping (rated connection) gauge to iec 60947-1 a3 solid, min. 0.5 mm2 solid, max. 4 mm2 stranded, min. 1.5 mm2 stranded, max. 4 mm2 flexible, min. 0.5 mm2 flexible, max. 4 mm2 flexible with ferrule, min. (din 46228/1) 0.5 mm2 flexible with ferrule, max. (din 46228/1) 2.5 mm2 flexible, min., ferrule with plastic collar (din 46228 pt 4) 0.5 mm2 flexible, max., ferrule with plastic collar (din 46228 pt 4) 2.5 mm2 twin wire-end ferrule, min. 0.5 mm2 twin wire end ferrule, max. 1.5 mm2 awg conductor size, min. awg 30 awg conductor size, max. awg 12 awg conductor size, min. 0.05 mm2 awg conductor size, max. 3.31 mm2 dimensions width 5.1 mm height of lowest version 47 mm length 60 mm weight 8.03 g ts 35 offset 32 mm disconnect terminals torque level with dms electric screwdriver 1 rating data rated cross-section 2.5 mm2 rated voltage 800 v rated impulse voltage 8 kv rated current 24 a standards iec 60947-7-1 current with max. conductor 32 a pollution severity 3 ul rating data voltage (ul) 600 v current (ul) 25 a min. cross-section (ul) awg 30 max. cross-section (ul) awg 12
product catalogue | terminals | screwing technology | w-series modular terminals | modular feed-through terminals | w- standard | 2,5 mm2 - 4 - approvals approvals institutes downloads dxf 09252_wdu_2.5_dxf.dxf step 1020000000_09252_wdu_2.5_stp.stp classifications etim 2.0 ec000897 etim 3.0 ec000897 eclass 4.1 27-14-11-20 eclass 5.0 27-14-11-20 eclass 5.1 27-14-11-20 similar products order no. part designation version 1020080000 wdu 2.5 bl feed-through terminal, 2.5 mm2, screw connection, wemid, blue, ts 35 1020090000 wdu 2.5 gn feed-through terminal, 2.5 mm2, screw connection, wemid, green, ts 35 1020010000 wdu 2.5 sw feed-through terminal, 2.5 mm2, screw connection, wemid, black, ts 35 1020020000 wdu 2.5 ge feed-through terminal, 2.5 mm2, screw connection, wemid, yellow, ts 35 1037720000 wdu 2.5 gr feed-through terminal, 2.5 mm2, screw connection, wemid, grey, ts 35 1037700000 wdu 2.5 pa/vi feed-through terminal, 2.5 mm2, screw connection, pa 66, violet, ts 35 1036800000 wdu 2.5 ws feed-through terminal, 2.5 mm2, screw connection, wemid, white, ts 35 1020700000 wdu 2.5/10 bez feed-through terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1020800000 wdu 2.5/10 bez/ne feed-through terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35
product catalogue | terminals | screwing technology | w-series modular terminals | modular feed-through terminals | w- standard | 2,5 mm2 - 5 - 1020050000 wdu 2.5 wap/gg feed-through terminal, 2.5 mm2, screw connection, wemid, green/ yellow, ts 35 1024700000 wdu 2.5/1.5/zr feed-through terminal, 2.5 mm2, screw connection, wemid, dark beige, ts 35 1024780000 wdu 2.5/1.5/zr bl feed-through terminal, 2.5 mm2, screw connection, wemid, blue, ts 35


▲Up To Search▲   

 
Price & Availability of 1020050000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X